Part Number Hot Search : 
300R1 AUP1T A7500 16800 MB3807 SU145 ATMEGA32 N7813A
Product Description
Full Text Search
 

To Download SD5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD5000
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
.GOLD .EMI .I .OVERLAY .METAL/ .COMMON .P
PRELIMINARY DATA
METALLIZATION T TER SITE BALLASTING N TERNAL INPUT MATCHING GEOMETRY C ERAMIC PACKAGE EMITTER CONFIGURATION OUT = 1.5 W MIN. WITH 9.5 dB GAIN
.280 4L STUD (M122) epoxy sealed ORDER CODE SD5000 BRANDING S10A015
PIN CONNECTION
DESCRIPTION The SD5000 is a NPN Silicon Transistor designed for high gain linear performance at 1000 MHz. This part uses gold metallized die and polysilicon site ballasting to achieve high reliability and ruggedness. The SD5000 can be used for applications such as Telecommunications, Radar, ECM, Space and other commercial and military systems. ABSOLUTE MAXIMUM RATINGS (T case = 25 C)
Symbol Parameter Value Unit 1. Collector 2. Emitter 3. Base 4. Emitter
VCBO VCES VEBO IC PDISS TJ T STG
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage Temperature
50 50 3.5 1.0 7.0 +200 - 65 to +150
V V V A W C C
THERMAL DATA RTH(j-c) Junction-Case Thermal Resistance 25 C/W
1/4
November 1992
SD5000
ELECTRICAL SPECIFICATIONS (T case = 25 C) STATIC
Symbol Test Conditions Valu e Min. Typ. Max. Unit
BVCBO BVEBO BVCES BVCEO ICBO hFE DYNAMIC
Symbol
IC = 10mA IE = 5mA IC = 10mA IC = 5mA VCB = 28V VCE = 5V IC = 100mA
50 3.5 50 23 -- 18
-- -- -- -- 0.2 --
-- -- -- -- -- 200
V V V V mA --
Test Conditions
Value Min. Typ. Max.
Unit
POUT 1dB f = 1 GHz GP VSWR COB
:
VCC = 20 V VCC = 20 V VCC = 20 V VCB = 20 V
IC = 220 mA IC = 220 mA IC = 220 mA
1.5 9.5 -- --
-- -- -- --
-- -- 25:1 4.0
W dB -- pF
f = 1 GHz f = 1 GHz f = 1 MHz
2/4
SD5000
IMPEDANCE DATA FREQ. 1000 MHz Z IN () 4.0 + j 3.3 ZCL () 20.8 + j 33.3
TEST CIRCUIT
B1, B2 : Ferrite Beads C1,C2 C3 C4 C5,C6 C7,C8 : 120 pF Chip Capacitor : .4 - 2.5 pF Johanson Capacitor : .8 - 8 pF Johanson Capacitor : 220 pF Chip Capacitor
C9,C10 : 1000 pF Chip Capacitor C11 : .1F Capacitor C12,C13 : 15,000 pF EMI Filter L1,L2 : 5 Turn Choke; Wire Diameter .025", I.D. 0.125"
Substrate material: Er = 10.2, H = .050", 1oz. Copper
3/4
SD5000
PACKAGE MECHANICAL DATA Ref.: Dwg. No. 12-0122
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
4/4


▲Up To Search▲   

 
Price & Availability of SD5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X